PART |
Description |
Maker |
SUP60N10-16L |
N-Channel 100-V (D-S) 175C MOSFET From old datasheet system N-Channel 100-V (D-S) 175 Degree Celcious MOSFET N-Channel MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
FSF2510 FSF2210 FSN1410 FSN1606 IRF540 |
N Channel MOSFET; Package: TO-254; trr (nsec): 600; t(on) (nsec): 100; ID (A): 25; RDS(on) (Ohms): 0.07; PD (W): 125; BVDSS (V): 100; Rq: 1; VSD (V): 2.3 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-254; trr (nsec): 300; t(on) (nsec): 23; ID (A): 22; RDS(on) (Ohms): 0.1; PD (W): 100; BVDSS (V): 100; Rq: 1.3; VSD (V): 2.5 22 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 250; t(on) (nsec): 14; ID (A): 14; RDS(on) (Ohms): 0.18; PD (W): 50; BVDSS (V): 100; Rq: 2; VSD (V): 2.5 14 A, 100 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 220; t(on) (nsec): 21; ID (A): 16; RDS(on) (Ohms): 0.07; PD (W): 50; BVDSS (V): 60; Rq: 2; VSD (V): 1.8 16 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp. STMicroelectronics N.V. MICROSEMI CORP
|
BSP372 Q67000-S300 BSP372E-6327 BSP372E6327 |
1.7 A, 100 V, 0.31 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated SIPMOS小信号晶体管(N通道增强模式逻辑层次额定雪崩 1.7 A, 100 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
SIEMENS A G SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
SUV85N10-10 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
|
VISAY[Vishay Siliconix]
|
MTP10N10EL MTP10N10ELG |
Power MOSFET 10 Amps, 100 Volts, Logic Level; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 100 V, 0.22 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 10 A, 100 V, Logic Level, N−Channel TO−220
|
ON Semiconductor
|
ZVP2110GTA ZXMP10A08GTA |
MOSFET P-CH 100V 310MA SOT223 0.31 A, 100 V, 8 ohm, P-CHANNEL, Si, POWER, MOSFET 2.1 A, 100 V, 0.576 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Zetex Semiconductor PLC DIODES INC
|
FDP120N10 |
74 A, 100 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench垄莽 MOSFET 100V, 74A, 12m楼? N-Channel PowerTrench? MOSFET 100V, 74A, 12mΩ
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDMS86101 |
N-Channel PowerTrench垄莽 MOSFET 100 V, 49 A, 8 m搂? N-Channel PowerTrench? MOSFET 100 V, 49 A, 8 m?
|
Fairchild Semiconductor
|
IRF9643-001PBF IRF9643-003PBF IRF9643-005PBF IRF96 |
9 A, 150 V, 0.7 ohm, P-CHANNEL, Si, POWER, MOSFET 8.7 A, 350 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC 1.75 A, 150 V, 3 ohm, P-CHANNEL, Si, POWER, MOSFET 1.75 A, 200 V, 3 ohm, P-CHANNEL, Si, POWER, MOSFET 27 A, 100 V, 0.099 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC 3 A, 100 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 150 V, 2.4 ohm, P-CHANNEL, Si, POWER, MOSFET 2.5 A, 100 V, 1.6 ohm, P-CHANNEL, Si, POWER, MOSFET 3.5 A, 150 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 11 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC
|
VISHAY INTERTECHNOLOGY INC
|
2SK383204 2SK3832 |
30 A, 100 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
|